Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download P4SMA200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4SMA SERIES
400 Watts Surface Mount Transient Voltage Suppressor SMA/DO-214AC
Features
For surface mounted application in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: o 260 C / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 400 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms(Note 1)
o
Symbol PPK IFSM VF
Value Minimum 400 40 3.5
Units Watts Amps Volts
o
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) Maximum Instantaneous Forward Voltage at 25.0A for Unidirectional Only
Operating and Storage Temperature Range TJ, TSTG -55 to + 150 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25oC Per Fig. 2. Notes: 2. Mounted on 5.0mm2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum.
C
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types P4SMA 6.8 through Types P4SMA200A. 2. Electrical Characteristics Apply in Both Directions.
- 522 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (P4SMA SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
100 100
FIG.2- PULSE DERATING CURVE
PEAK PULSE POWER (PPP) or CURRENT (IPPM)
PPPM, PEAK PULSE POWER, KW
DERATING IN PERCENTAGE. %
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 O TJ = 25 C
75
50
1
25
0.1 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms
0 0 25 50 75 100 125
O
150
175
200
tp, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. ( C)
FIG.3- CLAMPING POWER PULSE WAVEFORM
150
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
IFSM, PEAK FORWARD SURGE CURRENT. AMPERES
50
tr = 10 sec
PEAK PULSE CURRENT - %
100
Peak Value IPPM
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
40
Tj = Tj max. 8.3ms Single Half Sine Wave JEDEC Method
50
Half Value - IPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
30
20
10
td
0 0 1.0 2.0 3.0 4.0
0 1 2 4 6 8 10 20 40 60 80 100
t, TIME, ms
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE (UNIDIRECTIONAL)
100,000
CJ,JUNCTION CAPACITANCE. (pF)
Tj =25 C f = 1.0MHz Vsig = 50 mVp-p
O
10,000
VR=0
1000
MEASURED at STAND-OFF VOLTAGE, VWM
100 1.0 10 100 200
V(BR), BREAKDOWN VOLTAGE. VOLTS
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code ADJ AEJ AFJ AGJ AHJ AKJ ALJ AMJ ANJ APJ AQJ ARJ ASJ ATJ AUJ AVJ AWJ AXJ AYJ AZJ BDJ BEJ BFJ BGJ BHJ BKJ BLJ BMJ BNJ BPJ BQJ BRJ BSJ BTJ BUJ BVJ BWJ BXJ BYJ BZJ CDJ CEJ CFJ CGJ CHJ CKJ CLJ CMJ CNJ CPJ CQJ CRJ CSJ CTJ CUJ CVJ
Breakdown Voltage VBR (Volts) (Note 1) Min Max Test Current @IT (mA) Stand-Off Maximum Maximum Maximum Maximum Voltage Reverse Leakage Peak Pulse Clamping Temperature VWM at VWM Current IPPM Voltage at IPPM Coefficient O (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
P4SMA6.8 P4SMA6.8A P4SMA7.5 P4SMA7.5A P4SMA8.2 P4SMA8.2A P4SMA9.1 P4SMA9.1A P4SMA10 P4SMA10A P4SMA11 P4SMA11A P4SMA12 P4SMA12A P4SMA13 P4SMA13A P4SMA15 P4SMA15A P4SMA16 P4SMA16A P4SMA18 P4SMA18A P4SMA20 P4SMA20A P4SMA22 P4SMA22A P4SMA24 P4SMA24A P4SMA27 P4SMA27A P4SMA30 P4SMA30A P4SMA33 P4SMA33A P4SMA36 P4SMA36A P4SMA39 P4SMA39A P4SMA43 P4SMA43A P4SMA47 P4SMA47A P4SMA51 P4SMA51A P4SMA56 P4SMA56A P4SMA62 P4SMA62A P4SMA68 P4SMA68A P4SMA75 P4SMA75A P4SMA82 P4SMA82A P4SMA91 P4SMA91A
6.12 6.46 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8
1000 38 1000 40 500 35 500 37 200 33 200 34 50 30 50 31 10 28 10 29 5.0 26 5.0 27 5.0 24 5.0 25 5.0 22 5.0 23 5.0 19 5.0 20 5.0 17.8 5.0 18.6 5.0 16 5.0 16.5 5.0 14 Dimensions in inches 5.0 15 5.0 13 5.0 13.7 5.0 12 5.0 12.6 5.0 10.7 5.0 11.0 5.0 9.6 5.0 10 5.0 8.8 5.0 9.0 5.0 8.0 5.0 8.4 5.0 7.4 5.0 7.7 5.0 6.7 5.0 7.0 5.0 6.2 5.0 6.4 5.0 5.7 5.0 6.0 5.0 5.2 5.0 5.4 5.0 4.7 5.0 5.0 5.0 4.2 5.0 4.5 5.0 3.8 5.0 4.0 5.0 3.5 5.0 3.7 5.0 3.2 5.0 3.3
10.8 0.057 10.5 0.057 11.7 0.061 11.3 0.061 12.5 0.065 12.1 0.065 13.8 0.068 13.4 0.068 15.0 0.073 14.5 0.073 16.2 0.075 15.6 0.075 17.3 0.078 16.7 0.078 19.0 0.081 18.2 0.081 22.0 0.084 21.2 0.084 23.5 0.086 22.5 0.086 26.5 0.088 25.5 0.088 29.1 0.090 and (millimeters) 27.7 0.090 31.9 0.092 30.6 0.092 34.7 0.094 33.2 0.094 39.1 0.096 37.5 0.096 43.5 0.097 41.4 0.097 47.7 0.098 45.7 0.098 52.0 0.099 49.9 0.099 56.4 0.100 53.9 0.100 61.9 0.101 59.3 0.101 67.8 0.101 64.8 0.101 73.5 0.102 70.1 0.102 80.5 0.103 77.0 0.103 89.0 0.104 85.0 0.104 98.0 0.104 92.0 0.104 108.0 0.105 103.0 0.105 118.0 0.105 113.0 0.105 131.0 0.106 125.0 0.106
- 524 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code
CWJ CXJ CYJ CZJ RDJ REJ RFJ RGJ RHJ RKJ RLJ RMJ RNJ RPJ RQJ RRJ RSJ RTJ
Breakdown Voltage Test Stand-Off Maximum Maximum Maximum Maximum VBR Current Voltage Reverse Leakage Peak Pulse Clamping Temperature (Volts) (Note 1) @IT VWM at VWM Current IPPM Voltage at IPPM Coefficient O Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.9 3.0 2.6 2.7 2.4 2.5 2.2 2.3 1.9 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.4 1.51 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
P4SMA100 P4SMA100A P4SMA110 P4SMA110A P4SMA120 P4SMA120A P4SMA130 P4SMA130A P4SMA150 P4SMA150A P4SMA160 P4SMA160A P4SMA170 P4SMA170A P4SMA180 P4SMA180A P4SMA200 P4SMA200A
Notes: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A. 5. All terms and symbols are consistent with ANSI/IEEE C62.35.
- 525 -


▲Up To Search▲   

 
Price & Availability of P4SMA200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X